|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SMD Type MOSFET 150V N-Channel PowerTrench MOSFET KDB2570(FDB2570) TO-263 +0.1 1.27-0.1 Features 22 A, 150 V. RDS(ON) = 80 m RDS(ON) = 90 m Low gate charge +0.1 1.27-0.1 Unit: mm +0.1 1.27-0.1 +0.2 4.57-0.2 @ VGS = 10 V @ VGS = 6 V High performance trench technology for extremely low RDS(ON) +0.2 5.28-0.2 0.1max +0.1 0.81-0.1 2.54 5.08 +0.1 -0.1 +0.2 2.54-0.2 +0.2 15.25-0.2 Fast switching speed +0.2 8.7-0.2 +0.2 2.54-0.2 0.4 +0.2 -0.2 Absolute Maximum Ratings Ta = 25 Parameter Drain to source voltage Gate to source voltage Drain current-Continuous Drain current-Pulsed Power dissipation Derate above 25 Thermal Resistance Junction to Ambient Thermal Resistance, Junction-to-Case Channel temperature Storage temperature ReJA ReJC Tch Tstg Symbol VDSS VGSS ID IDP PD Rating 150 20 22 50 93 0.63 62.5 1.6 175 -55 to +175 Unit V V A A W W/ /W /W 5.60 1 Gate 2 Drain 3 Source www.kexin.com.cn 1 SMD Type MOSFET KDB2570(FDB2570) Electrical Characteristics Ta = 25 Parameter Drain to source breakdown voltage Drain cut-off current Gate leakage current Gate threshold voltage Symbol VDSS IDSS IGSS VGS(th) ID=250iA Testconditons VGS=0V Min 150 1 100 2.0 2.6 61 63 127 25 39 1911 VDS=75V,VGS=0,f=1MHZ 106 33 40 VDS = 75 V, ID = 11 A,VGS = 10 V* 7 12 12 VDD = 75 V, ID = 1 A, VGS = 10 V, RGEN = 6 5 * 33 23 22 10 53 37 22 VGS = 0 V, IS = 11 A * 2.0% 0.83 1.3 56 4.0 80 90 175 A S pF pF pF nC nC nC ns ns ns ns A V mU Typ Max Unit V A nA V VDS=120V,VGS=0 VGS= 20V VDS = VGS, ID = 250iA VGS=10V,ID=11A Drain to source on-state resistance RDS(on) VGS=6V,ID=10A VGS=10V,ID=11A,TC=125 On-State Drain Current Forward Transconductance Input capacitance Output capacitance Reverse transfer capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Maximum Continuous Drain-Source Diode Forward Current Source to Drain Diode Voltage * Pulse Test: Pulse Width ID(on) gFS Ciss Coss Crss Qg Qgs Qgd td(ON) tr td(OFF) tf IS VSD VGS = 10 V, VDS = 10 V VDS = 10 V, ID = 11 A 300is, Duty Cycle 2 www.kexin.com.cn |
Price & Availability of KDB2570 |